전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST38VF6402 데이터시트(PDF) 28 Page - Microchip Technology

부품명 SST38VF6402
상세설명  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 데이터시트(HTML) 28 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 24Page - Microchip Technology SST38VF6402 Datasheet HTML 25Page - Microchip Technology SST38VF6402 Datasheet HTML 26Page - Microchip Technology SST38VF6402 Datasheet HTML 27Page - Microchip Technology SST38VF6402 Datasheet HTML 28Page - Microchip Technology SST38VF6402 Datasheet HTML 29Page - Microchip Technology SST38VF6402 Datasheet HTML 30Page - Microchip Technology SST38VF6402 Datasheet HTML 31Page - Microchip Technology SST38VF6402 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
28
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Table 12: Protection Priority for Main Array
NVPB1
VPB1
Protection State of Block
protect
X
protected
X
protect
protected
unprotect
unprotect
unprotected
T12.0 20005015
1. X = protect or unprotect
Table 13: CFI Query Identification String1 for SST38VF6401/6402/6403/6404
1. Refer to CFI publication 100 for more details.
Address
Data
Description
10H
0051H
Query Unique ASCII string “QRY”
11H
0052H
12H
0059H
13H
0002H
Primary OEM command set
14H
0000H
15H
0040H
Address for Primary Extended Table
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM Extended Table (00H = none exits)
1AH
0000H
T13.0 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66