전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE811QTR 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 STMPE811QTR
상세설명  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 31Page - STMicroelectronics STMPE811QTR Datasheet HTML 32Page - STMicroelectronics STMPE811QTR Datasheet HTML 33Page - STMicroelectronics STMPE811QTR Datasheet HTML 34Page - STMicroelectronics STMPE811QTR Datasheet HTML 35Page - STMicroelectronics STMPE811QTR Datasheet HTML 36Page - STMicroelectronics STMPE811QTR Datasheet HTML 37Page - STMicroelectronics STMPE811QTR Datasheet HTML 38Page - STMicroelectronics STMPE811QTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
STMPE811
Touchscreen controller
Doc ID 14489 Rev 5
35/66
Window tracking
The -WDW_X and WDW_Y registers allow to pre-set a sub-window in the touchscreen such
that any touch position that is outside the sub-window is discarded.
Figure 10.
Window tracking
FIFO
FIFO has a depth of 128 sectors. This is enough for 128 sets of touch data at maximum
resolution (2 x 12 bits). FIFO can be programmed to generate an interrupt when it is filled to
a pre-determined level.
Sampling
The STMPE811 touchscreen controller has an internal 180 kHz, 12-bit ADC able to execute
autonomous driving/sampling. Each "sample" consists of 4 ADC readings that provide the X
and Y locations, as well as the touch pressure.
Figure 11.
Sampling
Active window
Top right coordinates
Bottom left coordinates
ADC
takes X reading
Settling
period
Drive X
ADC
takes Y reading
Settling
period
Drive Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66