전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CST0612-FC-R0005-E 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 CST0612-FC-R0005-E
상세설명  Model CST0612 Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CST0612-FC-R0005-E 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  CST0612-FC-R0005-E Datasheet HTML 1Page - Bourns Electronic Solutions CST0612-FC-R0005-E Datasheet HTML 2Page - Bourns Electronic Solutions CST0612-FC-R0005-E Datasheet HTML 3Page - Bourns Electronic Solutions CST0612-FC-R0005-E Datasheet HTML 4Page - Bourns Electronic Solutions CST0612-FC-R0005-E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Four terminal design
n
Low inductance <5 nH
n
Low thermal EMF <3 µV/°C
n
Metal alloy strip
n
RoHS compliant* and halogen free**
n
AEC-Q200 compliant
Applications
n
Current sense
n
Precision circuits
n
Medical equipment***
n
Printers
n
Automation equipment
n
Navigation equipment
Model CST0612 Current Sense Resistor
* RoHS Directive 2002/95/EC Jan. 27, 2003
including annex and RoHS Recast 2011/65/EU
June 8, 2011.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less;
and (c) the total Bromine (Br) and Chlorine (Cl)
content is 1500 ppm or less.
*** Bourns® products have not been specifically
designed and tested for FDA Class III applications
and equivalent applications covered by other
regulatory authority such as the European Counsel,
and their use in such applications is neither
recommended nor supported.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications.
The products described herein and this document are
subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/
docs/legal/disclaimer.pdf.
Environmental Characteristics
Specification
Model CST0612
Shelf Life
Two years from manufacturing date
Storage Conditions:
Temperature
+5 °C ~ +35 °C
Humidity
40 % ~ 75 %
Recommended Solder
Sn96.5 / Ag3 / Cu0.5
, Material:
Strip
Alloy
Overcoating
Molding
Compound
UL 94V0 Grade
Electrical Characteristics
Characteristic
Model CST0612
Power Rating @ 70 °C
1 W (NOTE 1)
Resistance Range
0.5 - 5 milliohms
Operating Temperature Range
-55 °C to +170 °C
Temperature Coefficient of Resistance
±100 PPM/°C
±200 PPM/°C
Resistance Tolerance
±1 %
Insulation Resistance
> 100 megohms
Derated to Zero Load at
+170 °C
Maximum Working Voltage (V)
(P*R)^1/2
(Note 1) 1 watt with total solder pad and trace size of 300 mm2.
Soldering Profile
50
100
150
200
250
Heating Time
10 ±1 second
30 ±10 seconds
90 ±30 seconds
Peak: 260 °C
230 °C or higher
180 °C
150 °C
PREHEATING ZONE
SOLDERING ZONE
Iron Solder: 350 ±10 °C
3 +1/-0 seconds
Popular Resistance Table
Resistance
Value
(Milliohms)
Resistance
Code
0.50
R0005
0.75
R00075
1.00
R001
1.50
R0015
2.00
R002
3.00
R003
5.00
R005
Rated Voltage
The rated voltage is calculated by the
following formula:
V= P X R
V: Rated Voltage (V)
P: Rated Power (W)
R: Resistance Value (W)
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT


유사한 부품 번호 - CST0612-FC-R0005-E

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CST0612-FC-R001E BOURNS-CST0612-FC-R001E Datasheet
623Kb / 4P
Current Sense Resistor
More results

유사한 설명 - CST0612-FC-R0005-E

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
Current Sense Resistor
CSS2H-5930 BOURNS-CSS2H-5930 Datasheet
421Kb / 4P
Current Sense Resistor
CSS4J-4026 BOURNS-CSS4J-4026 Datasheet
388Kb / 4P
Current Sense Resistor
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
Current Sense Resistor
CSS2H-3920 BOURNS-CSS2H-3920 Datasheet
418Kb / 4P
Current Sense Resistor
CSM2F-6918 BOURNS-CSM2F-6918 Datasheet
576Kb / 4P
Current Sense Resistor
CSM2F-6918-2 BOURNS-CSM2F-6918-2 Datasheet
661Kb / 4P
Model CSM2F-6918 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CSM2F-7036-2 BOURNS-CSM2F-7036-2 Datasheet
679Kb / 4P
Model CSM2F-7036 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CSM2F-8518-2 BOURNS-CSM2F-8518-2 Datasheet
673Kb / 4P
Model CSM2F-8518 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CSM2F-8536-2 BOURNS-CSM2F-8536-2 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor / Fully Tinned
REV. 04/22
More results


Html Pages

1 2 3 4 5