| 전자부품 데이터시트 검색엔진 |
|
CST0612-FC-R0005-E 데이터시트(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CST0612-FC-R0005-E 데이터시트(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() 3312 - 2 mm SMD Trimming Potentiometer Derating Curve 100 80 60 40 20 0 -55 0 70 170 Ambient Temperature (°C) 3.60 ± 0.20 (0.142 ± 0.008) 2.0 ± 0.05 (0.079 ± 0.002) 4.00 ± 0.05 (0.157 ± 0.002) 4.00 ± 0.10 (0.157 ± 0.004) DIA. 1.50 +0.10/-0 (0.059 +0.004/-0) 1.5 (0.059) DIA. MIN. 3.40 ± 0.10 (0.134 ± 0.004) 5 ° 0.22 ± 0.05 (0.008 ± 0.002) 1.04 ± 0.10 (0.041 ± 0.004) 1.77 ± 0.10 (0.070 ± 0.004) 8 ° 6.9 ± 0.2 (0.272 ± 0.008) 3.50 ± 0.05 (0.138 ± 0.002) 1.75 ± 0.10 (0.069 ± 0.004) 8.00 ± 0.10 (0.315 ± 0.004) USER DIRECTION OF FEED 60.0 ± 1.0 (2.362 ± 0.039) MIN. DIA. DIA. 178 ± 2.0 (7.008 ± 0.079) 13.0 ± 1.0 (0.512 ± 0.039) DIA. 9.0 ± 1.0 (0.354 ± 0.039) 11.5 ± 1.0 (0.453 ± 0.039) Model CST0612 Current Sense Resistor Packaging Specifications DIMENSIONS: MM (INCHES) REV. 06/21 Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. 4,000 PIECES PER REEL 3.60 ± 0.20 (0.142 ± 0.008) 2.0 ± 0.05 (0.079 ± 0.002) 4.00 ± 0.05 (0.157 ± 0.002) 4.00 ± 0.10 (0.157 ± 0.004) DIA. 1.50 +0.10/-0 (0.059 +0.004/-0) 1.5 (0.059) DIA. MIN. 3.40 ± 0.10 (0.134 ± 0.004) 5 ° 0.22 ± 0.05 (0.008 ± 0.002) 1.04 ± 0.10 (0.041 ± 0.004) 1.77 ± 0.10 (0.070 ± 0.004) 8 ° 6.9 ± 0.2 (0.272 ± 0.008) 3.50 ± 0.05 (0.138 ± 0.002) 1.75 ± 0.10 (0.069 ± 0.004) 8.00 ± 0.10 (0.315 ± 0.004) USER DIRECTION OF FEED 60.0 ± 1.0 (2.362 ± 0.039) MIN. DIA. DIA. 178 ± 2.0 (7.008 ± 0.079) 13.0 ± 1.0 (0.512 ± 0.039) DIA. 9.0 ± 1.0 (0.354 ± 0.039) 11.5 ± 1.0 (0.453 ± 0.039) |