전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8759GED/V 데이터시트(PDF) 17 Page - Wolfson Microelectronics plc

부품명 WM8759GED/V
상세설명  24-bit 192kHz Stereo DAC with Headphone Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8759GED/V 데이터시트(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8759GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 20Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Pre-Production
WM8759
w
PP Rev 3.1 June 2006
17
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 19 External Component Diagram
In an application where ENABLE is fed directly from VDD rather than a dedicated control line,
resistor R3 and capacitor C9 are used on the ENABLE pin to introduce a short delay in the Low to
High transition of ENABLE. This will ensure the pin goes high after power supplies have had time
to settle (see “ENABLE Operation” in the “Hardware Control Modes” section of the datasheet).
However, if the ENABLE signal is being provided from an external controller chip rather than VDD
directly, R3 and C9 will not be required.
POWER UP/DOWN SEQUENCE
POWER UP/DOWN SEQUENCE
For click free operation, the WM8759 should be powered up and down in a specific sequence.
Power-up:
1.
Power up AVDD and DVDD and wait to settle
2.
Turn on clocks and data (MCLK, BCLK, LRCLK, SDATA)
3.
Switch ENABLE pin from low to high
Power-down:
1.
Switch Enable from high to low
2.
Remove clocks and data
3.
Power down AVDD and DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com