전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8759GED/V 데이터시트(PDF) 18 Page - Wolfson Microelectronics plc

부품명 WM8759GED/V
상세설명  24-bit 192kHz Stereo DAC with Headphone Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8759GED/V 데이터시트(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8759GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 20Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
WM8759
Pre-Production
w
PP Rev 3.1 June 2006
18
PCB LAYOUT RECOMMENDATIONS
Care should be taken in the layout of the PCB that the WM8759 is to be mounted to. The
following notes will help in this respect:
1.
The VDD supply to the device should be as noise free as possible. This can be
accomplished to a large degree with a 10uF bulk capacitor placed locally to the device and a
0.1uF high frequency decoupling capacitor placed as close to the VDD pin as possible. It is
best to place the 0.1uF capacitor directly between the VDD and GND pins of the device on
the same layer to minimize track inductance and thus improve device decoupling
effectiveness.
2.
The CAP pin should be as noise free as possible. This pin provides the decoupling for
the on chip reference circuits and thus any noise present on this pin will be directly coupled
to the device outputs. In a similar manner to the VDD decoupling described above, this pin
should be decoupled with a 10uF bulk capacitor local to the device and a 0.1uF capacitor as
close to the CAP pin as possible.
3.
Separate analogue and digital track routing from each other. The device is split into
analogue (pins 5 – 9) and digital (pins 1 – 4 and pins 10 – 14) sections that allow the routing
of these signals to be easily separated. By physically separating analogue and digital
signals, crosstalk from the PCB can be minimized.
4.
Use an unbroken solid GND plane.
To achieve best performance from the device, it is
advisable to have either a GND plane layer on a multilayer PCB or to dedicate one side of a
2 layer PCB to be a GND plane. For double sided implementations it is best to route as
many signals as possible on the device mounted side of the board, with the opposite side
acting as a GND plane. The use of a GND plane greatly reduces any electrical emissions
from the PCB and minimizes crosstalk between signals.
An evaluation board is available for the WM8759 that demonstrates the above techniques and the
excellent performance achievable from the device. This can be ordered or the User manual
downloaded from the Wolfson web site at www.wolfsonmicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com