| 전자부품 데이터시트 검색엔진 |
|
WM8985GEFL/R 데이터시트(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8985GEFL/R 데이터시트(HTML) 5 Page - Wolfson Microelectronics plc |
|
5 / 118 page ![]() Pre-Production WM8985 w PP, Rev 3.5, January 2007 5 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8985GEFL -25 °C to +85°C 32-lead QFN (5 x 5 mm) (Pb-free) MSL1 260oC WM8985GEFL/R -25 °C to +85°C 32-lead QFN (5 x 5 mm) (Pb-free, tape and reel) MSL1 260oC Note: Reel quantity = 3,500 |