전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX9616 데이터시트(PDF) 13 Page - Texas Instruments

부품명 TMUX9616
상세설명  TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMUX9616 데이터시트(HTML) 13 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 9Page - Texas Instruments TMUX9616 Datasheet HTML 10Page - Texas Instruments TMUX9616 Datasheet HTML 11Page - Texas Instruments TMUX9616 Datasheet HTML 12Page - Texas Instruments TMUX9616 Datasheet HTML 13Page - Texas Instruments TMUX9616 Datasheet HTML 14Page - Texas Instruments TMUX9616 Datasheet HTML 15Page - Texas Instruments TMUX9616 Datasheet HTML 16Page - Texas Instruments TMUX9616 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7 Parameter Measurement Information
7.1 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state:
1. Source off-leakage current IS(OFF): the leakage current flowing into or out of the source pin when the switch
is off.
2. Drain off-leakage current ID(OFF): the leakage current flowing into or out of the drain pin when the switch is
off.
The setup used to measure both off-leakage currents is shown in Figure 7-1.
S1
GND
VS
D1
VD
A
Is (OFF)
VDD
VSS
IS(OFF)
S1
GND
VS
D1
VD
VDD
VSS
ID(OFF)
ID (OFF)
A
S16
VS
A
Is (OFF)
D16
VD
S16
D16
ID (OFF)
A
VS
VD
RGND
RGND
VS
VD
Figure 7-1. Off-Leakage Measurement Setup
7.2 Device Turn On/Off Time
Turn-off time (tOFF) is defined as the time taken by the Sx pin of the TMUX9616 to rise to a 90% final value after
the CLK signal has risen to 50% of its final value. Turn-on time (tON) is defined as the time taken by the output
of the TMUX9616 to fall to a 10% initial value after the CLK signal has risen) to 50% of its final value. Figure 7-2
shows the setup used to measure tON and tOFF.
VSS
VSS
0.1 µF
GND
Sx
Dx
RL
100V
VDD
VDD
0.1 µF
RGND
CLK
50%
50%
tOFF
tON
10%
90%
Sx
Figure 7-2. Turn-on/off Measurement Setup
www.ti.com
TMUX9616
SCDS436 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX9616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com