전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX9616 데이터시트(PDF) 21 Page - Texas Instruments

부품명 TMUX9616
상세설명  TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMUX9616 데이터시트(HTML) 21 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 17Page - Texas Instruments TMUX9616 Datasheet HTML 18Page - Texas Instruments TMUX9616 Datasheet HTML 19Page - Texas Instruments TMUX9616 Datasheet HTML 20Page - Texas Instruments TMUX9616 Datasheet HTML 21Page - Texas Instruments TMUX9616 Datasheet HTML 22Page - Texas Instruments TMUX9616 Datasheet HTML 23Page - Texas Instruments TMUX9616 Datasheet HTML 24Page - Texas Instruments TMUX9616 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
9.2.1 Design Requirements
Table 9-1. Design Parameters
PARAMETERS
VALUES
Positive analog supply (VDD) TMUX9616
+110 V
Negative analog supply (VSS) TMUX9616
-110 V
Logic supply (VLL) TMUX9616
5 V
Pulser supply A (PHV_A/MHV_A) TX7516
+100 V/-100 V
Pulser supply B (PHV_B/MHV_B) TX7516
+60 V/-60 V
Analog signal support TMUX9616
±110 V
Maximum SPI speed supported TMUX9616
72 MHz
System level HD2PC target requirement
≥40 dB
System level HD1PC target requirement
≥40 dB
System test load
100 Ω || 100 pF
9.2.2 Detailed Design Procedure
Figure 9-1 shows a system configuration found in a variety of ultrasound applications. The TX7516 has two
supply rails A (PHV_A/MHV_A) and B (PHV_B/MHV_B) that enable switching between multiple TX levels for
3-Level mode, and also enable transmitting 5-Level mode. Each supply channel (A or B) can both provide up to
2 A output current, and the two channels can be operated in parallel for a 4 A output mode. Two TX7516 are
used to provide 32 TX channels, and eight TMUX9616 are used to multiplex the 32 TX channels to the 128 PZT
elements (4:1 mux configuration). Supply A will transmit at ±100 V, and supply B will transmit ±60 V.
A very important system level requirement for good image quality is to target ≥40 dB for both HD2PC
and HD1PC (harmonic distortion pulse cancellation). The entire system, including both the TX7516 pulser
and TMUX9616 mux, must output a TX signal at ≥40 dB. TX7516 is a pulser with excellent output signal
performance, performing higher than the ≥40 dB target. Additionally, TMUX9616 is an excellent multiplexer,
having minimal and in many cases negligible impact on the HD2PC/HD1PC performance, keeping the output
signal performance high for good image quality while also allowing to increase the number of PZT elements in
the system without increasing the number of pulser TX channels.
An example system use case using the TX7516EVM with the TMUX9616 EVM was performed first with the
TMUX9616 removed and replaced with a pass through connection. Second, the same system level use case
was performed by removing the pass through connection and adding the TMUX9616 back into the signal path.
For a ±100 V pulser supply in this system use case, transmitting in 3-level mode with 5 cycles at 5 MHz with
a 100 Ω || 100 pF test load, TX7516 alone performed with an HD2PC of 49 dB and an HD1PC of 67 dB. For
the same use case, adding in TMUX9616 into the signal path, the system performed with an HD2PC of 54 dB
and an HD1PC of 60 dB. Therefore, in this use case the TMUX9616 has negligible impact on the system level
HD2PC/HD1PC performance; TX7516, by itself, and TX7516 with TMUX9616 in its signal path perform at an
HD2PC/HD1PC performance level well above 40 dB.
For more details on the HD2PC and HD1PC performance of TX7516 and TMUX9616 across multiple supply
levels, see the Application Curves. Additionally, some example use cases are plotted in the time domain and
frequency domain for observation.
www.ti.com
TMUX9616
SCDS436 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX9616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com