전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT43USB355 데이터시트(PDF) 75 Page - ATMEL Corporation

부품명 AT43USB355
상세설명  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 데이터시트(HTML) 75 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 71Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 72Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 73Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 74Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 75Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 76Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 77Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 78Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 115 page
background image
75
AT43USB355
2603G–USB–04/06
Control Transfers at
Control End-point EP0
The description given below is for the function control end-point, but applies to the hub control
end-point as well if the proper registers are used.
The following illustration describes the three possible types of control transfers – Control
Write, Control Read and No-data control:
The following state diagram shows how the various state transitions are triggered. Additional
decision making may take place within the response states to determine the next expected
state. Unmarked arcs represent transitions that trigger immediately following completion of the
response state processing. Stable states, those requiring an interrupt to exit having no
unmarked arcs as exit paths, are shown in bold.
Setup
Data
Status
Stage
Stage
Stage
Control
Write
DATA0
DATA1
DATA0
DATA0/1
DATA1(0)
Control
Read
DATA0
DATA1
DATA0
DATA0/1
DATA1(0)
Setup
Status
Stage
Stage
No-data
Control
DATA0
DATA1(0)
SETUP(0)
SETUP(0)
OUT(1)
OUT(0)
OUT(0/1)
…
IN(1)
IN(1)
SETUP(0)
IN(1)
IN(1)
OUT(1)
IN(0)
IN(0/1)
…
Legend:
DATAn
Data packet with PID’s
data toggle bit equal to n
DATA1(0)
Zero length DATA1 packet
Idle
Setup
Response
No-data
Status
Response
Control
Read Status
Response
Control
Write Status
Response
RX_SETUP_INT
RX_OUT_INT
TX_COMPLETE_INT
TX_COMPLETE_INT
TX_COMPLETE_INT
RX_OUT_INT
Control
Read Data
Response
TX_COMPLETE_INT
Control
Write Data
Response
RX_OUT_INT
(ANY STABLE STATE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More