전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT43USB355 데이터시트(PDF) 99 Page - ATMEL Corporation

부품명 AT43USB355
상세설명  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 데이터시트(HTML) 99 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 95Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 96Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 97Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 98Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 99Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 100Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 101Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 102Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
99
AT43USB355
2603G–USB–04/06
Only if all of the Power Control Bits of ports 2 and 3 are cleared should the firmware de-
assert the PWRN pin.
2.
Individual Power Switching – Two microcontroller GPIO pins, PWR2N and PWR3N,
must be assigned for each USB port to control the external switch such as the
MIC2026-2. Each of the Power Control Bits controls one PWRxN.
3.
Multiple Ganged Overcurrent Protection – Overcurrent sensing is grouped physi-
cally into one or more gangs, but reported individually.
Figure 27 shows a simplified diagram of a power management circuit of an AT43USB355
based hub design with global overcurrent protection and ganged power switching.
Figure 27. Port Power Management
Suspend and
Resume
The AT43USB355 enters suspend only when requested by the USB host through bus inactiv-
ity for at least 3 ms. The USB hardware would detect this request, sets the GLB_SUSP bit of
SPRSR, Suspend/Resume Register, and interrupts the microcontroller if the interrupt is
enabled. The microcontroller should shut down any peripheral activity and enter the Power
Down mode by setting the SE and SM bits of MCUCR and then executes the SLEEP instruc-
tion. The USB hardware shuts off the oscillator and PLL.
Global Resume
Global resume is signaled by a J to K state change on Port0. The USB hardware enables the
oscillator/PLL, propagates the RESUME signaling, and sets the RSM bit of the SPRSR, which
generates an interrupt. The microcontroller starts executing where it left off and services the
interrupt. As part of the ISR, the firmware clears the GLB_SUSP bit.
Remote Wakeup
While the AT43USB355 is in global suspend, resume signaling is also possible through
remote wakeup if the remote wakeup feature is enabled. Remote wakeup is defined as a port
CTL
FLG
IN
OUT
SWITCH
AT43USB355
GND
VCC
PWRN
OVCN
PORT2_POWER
PORT2_GND
PORT3_POWER
PORT3_GND
BUS_POWER
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com