전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT43USB355M-AC 데이터시트(PDF) 58 Page - ATMEL Corporation

부품명 AT43USB355M-AC
상세설명  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC 데이터시트(HTML) 58 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 54Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 55Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 56Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 57Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 58Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 59Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 60Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 61Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 115 page
background image
58
AT43USB355
2603G–USB–04/06
SPI Status Register – SPSR
•Bit 7 – SPIF: SPI Interrupt Flag
When a serial transfer is complete, the SPIF bit is set (one) and an interrupt is generated if
SPIE in SPCR is set (one) and global interrupts are enabled. If SS is an input and is driven low
when the SPI is in master mode, this will also set the SPIF flag. SPIF is cleared by the hard-
ware when executing the corresponding interrupt handling vector. Alternatively, the SPIF bit is
cleared by first reading the SPI status register when SPIF is set (one), then accessing the SPI
Data Register (SPDR).
•Bit 6 – WCOL: Write Collision Flag
The WCOL bit is set if the SPI data register (SPDR) is written during a data transfer. The
WCOL bit (and the SPIF bit) are cleared (zero) by first reading the SPI Status Register when
WCOL is set (one), and then accessing the SPI Data Register.
• Bit 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and will always read as zero.
SPI Data Register – SPDR
The SPI Data Register is a read/write register used for data transfer between the register file
and the SPI Shift register. Writing to the register initiates data transmission. Reading the regis-
ter causes the Shift Register Receive buffer to be read.
Bit
7
6
543
2
1
0
$0E ($2E)
SPIF
WCOL
–
–
–
–
–
–
SPSR
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$0F ($2F)
MSB
–
–
–
–
–
–
LSB
SPDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
x
x
x
x
x
x
x
x
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com