전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP2302 데이터시트(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

부품명 AP2302
상세설명  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 데이터시트(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2302 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
4
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Parameter
Symbol
Value
Unit
Supply Voltage for Internal Circuit
VCNTL
7V
Power Dissipation
PD
Internally Limited
W
ESD (Human Body Model)
ESD
2
KV
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Package Thermal Resistance (Free Air)
θ
JA
SOIC-8
160
oC/W
TO-252-5L
130
TO-263-5L
90
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for Internal Circuit
VCNTL (Note 2, 3) 
3.36V
Power Input
DDR I
VIN
1.6
2.5
VCNTL
V
DDR II
1.8
Junction Temperature
TJ
0
125
oC
Note 2: Keep VCNTL ≥ VIN in power on and power off sequences.
Note 3: For safe operation, VCNTL MUST be tied to 3.3V rather than 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com