전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP2302 데이터시트(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

부품명 AP2302
상세설명  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 데이터시트(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
11
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
TO-252-5L
Unit: mm(inch)
2.180(0.086)
2.400(0.094)
0.000(0.000)
0.250(0.010)
0.900(0.035)
1.250(0.049)
0.450(0.018)
0.700(0.028)
0.430(0.017)
0.600(0.023)
0.430(0.017)
0.600(0.023)
6.350(0.250)
6.700(0.264)
4.300(0.169)
5.500(0.217)
5.970(0.235)
6.220(0.245)
2.540(0.100)BSC
5.080(0.200)
BSC
9.500(0.374)
10.400(0.410)
2.550(0.100)
3.200(0.126)
1.400(0.055)
1.780(0.070)
4.800(0.189)
MIN
4.300(0.169)
5.400(0.213)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com