전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP431ASRG-A 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 AP431ASRG-A
상세설명  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431ASRG-A 데이터시트(HTML) 7 Page - Diodes Incorporated

Back Button AP431ASRG-A Datasheet HTML 3Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 4Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 5Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 6Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 7Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 8Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 9Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 10Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
7 of 14
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Cathode Current vs Cathode Voltage
-100
0
100
-1.5
-0.5
0.5
1.5
2.5
Cathode Voltage (v)
V
KA =Vref
Ta=25oC
Cathode Current (uA) vs Cathode Voltage
-1
Cathode Voltage(v)
-200
200
400
600
0
-0.5
0
0.5
1
1.5
2
2.5
VKA =V
ref
Ta=25oC
Reference Voltage vs Free-Air Temperature
Free-Air Temperature (oC)
2480
2485
2490
2495
2500
-40
80
-30 -20 -10 0 10 20 30 40 50 60 70
Reference Input Current vs Free Temperature
Free-Air Temperature (oC)
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
R1=10K
IKA=10mA
Change in Reference Voltage vs Cathode Voltage
0
5
10
15
20
25
30
Cathode Voltage (V)
-12
-10
-8
-6
-4
-2
0
IKA=10mA
Ta=25oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com