전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP431ASRG-A 데이터시트(PDF) 11 Page - Diodes Incorporated

부품명 AP431ASRG-A
상세설명  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431ASRG-A 데이터시트(HTML) 11 Page - Diodes Incorporated

Back Button AP431ASRG-A Datasheet HTML 6Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 7Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 8Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 9Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 10Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 11Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 12Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 13Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
11 of 14
MARCH 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOT23(R)/SOT25/SC59
SOT23(R)/ SOT25/SC59
:
(Top View)
XX Y M X
Marking Code
Y
Year
M : Month (A~L)
X : L : Lead Free
G : Green
(2) SOP-8L
SOP-8L
YY : Year
WW : Nth week
AP431 X
(Top view)
YY WW
Part Number
Logo
X
L : Lead-Free Package
G : Green
5
8
4
1
Accuracy
Blank: 2.495±1%
A: 2.495±0.5%
(3) TO92-3L
TO92-3L
(Top View)
AP431
X Y WW X X
Accuracy
Blank: 2.495 + 1%
A: 2.495 + 0.5%
X : Internal code
WW :Nth week
Y : Year
L : Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com