| 전자부품 데이터시트 검색엔진 |
|
TPS25751D 데이터시트(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS25751D 데이터시트(HTML) 46 Page - Texas Instruments |
|
46 / 89 page ![]() Table 8-7. Power Consumption States (continued) ACTIVE SOURCE MODE(1) ACTIVE SINK MODE5 IDLE SOURCE MODE IDLE SINK MODE MODERN STANDBY SOURCE MODE3 MODERN STANDBY SINK MODE4 SLEEP MODE2 PP_HV (TPS25751D) disabled enabled disabled enabled disabled disabled disabled PP_EXT (TPS25751S) disabled enabled disabled enabled disabled disabled disabled PP_CABLE enabled enabled enabled enabled disabled disabled disabled external CC1 termination Rd Rp 3.0A Rd Rp 3.0A open open open external CC2 termination open open open open open open open (1) This mode is used for: IVIN_3V3,ActSrc. (2) This mode is used for: IVIN_3V3,Sleep (3) This mode is used for: PMstbySrc (4) This mode is used for: PMstbySnk (5) This mode is used for: IVIN_3V3,ActSnk 8.5 Thermal Shutdown The TPS25751 features a central thermal shutdown as well as independent thermal sensors for each internal power path. The central thermal shutdown monitors the overall temperature of the die and disables all functions except for supervisory circuitry when die temperature goes above a rising temperature of TSD_MAIN. The temperature shutdown has a hysteresis of TSDH_MAIN and when the temperature falls back below this value, the device resumes normal operation. The power path thermal shutdown monitors the temperature of each internal PP5V-to-VBUS power path and disables both power paths and the VCONN power path when either exceeds TSD_PP5V. Once the temperature falls by at least TSDH_PP5V, the path can be configured to resume operation or remain disabled until re-enabled by firmware. TPS25751 SLVSH93 – OCTOBER 2023 www.ti.com 46 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TPS25751 |