전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC1G14 데이터시트(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

부품명 SN74LVC1G14
상세설명  Low input current: typical value 0.1uA
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G14 데이터시트(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC1G14 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G14 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UM
W
R
www.umw-ic.com
1
友台半导体有限公司
■ 封装形式和管脚功能定义
SOT23-5
SC70-5
SOT-553
SOT-886
SON-6
DSBGA-5
X2SON-5
注:NC ----- 空脚,内部无连接线,
■ 产品简介
SN74LVC1G14
是一款的施密特触发功能的非门集成电路,可实现
的数学逻辑运算。采用先进 CMOS 工
艺设计,具有低功耗和高输出驱动能力的工作特点,电源电压 VCC 在 1.65V 和 5.5V 之间芯片均可正常工
作。并且
74LVC1G14
具有多种小型封装外形,可广泛应用于高端精密仪器和小型化低功耗的手持设备,以
及人工智能等领域。
■ 产品特点
低输入电流:典型值 0.1uA
宽工作电压范围:1.65V to 5.5V
低静态功耗:典型值 0.1uA
封装形式:DBV/DCK/DRL/YZP/ DRY/DSF/ DPW
高输出驱动:VCC=4.5V,大于 32MA
■ 产品用途
便携式音频接口
● 蓝光播放器和家庭影院
数字电视
● 固态硬盘
无线耳机,智能手表等
● 智能穿戴设备
管脚
名称
DBV/DCK/DRL
DRY/DSF
YZP
DPW
说明
NC
1
1,5
A1, B2
1
空脚
A
2
2
B1
2
输入
GND
3
3
C1
3
电源地
Y
4
4
C2
4
输出
VCC
5
6
A2
5
电源正
SN74LVC1G14


유사한 부품 번호 - SN74LVC1G14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G14 TI-SN74LVC1G14 Datasheet
527Kb / 18P
SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14 TI-SN74LVC1G14 Datasheet
740Kb / 19P
SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14 TI-SN74LVC1G14 Datasheet
780Kb / 19P
SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14 TI-SN74LVC1G14 Datasheet
1Mb / 26P
SN74LVC1G14MDCKREP
SN74LVC1G14 TI1-SN74LVC1G14 Datasheet
1Mb / 33P
Single Schmitt-Trigger Inverter
More results

유사한 설명 - SN74LVC1G14

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6643TRPBF IRF-IRF6643TRPBF Datasheet
260Kb / 9P
DirectFET Power MOSFET - Typical value (unless otherwise specified)
logo
IRC - a TT electronics ...
LRC-LR1206-01-R020-F IRCTT-LRC-LR1206-01-R020-F Datasheet
241Kb / 2P
Low Value Current Sense Flat Chip Resistor
logo
Vincotech
V23990-P623-L82-D2-19 VINCOTECH-V23990-P623-L82-D2-19 Datasheet
316Kb / 3P
Typical average static loss as a function of input current
logo
Solid State Optronic
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
Low Input Control Current
logo
Silicon Touch Technolog...
VM114 SITI-VM114 Datasheet
259Kb / 8P
Low input current
logo
COSMO Electronics Corp...
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
logo
Guangdong Youtai Semico...
SN74LVC1G00 UMW-SN74LVC1G00 Datasheet
2Mb / 10P
Low input current: typical value 0.1uA ● Wide operating voltage range: 1.65V to 5.5V
SN74LVC1G08 UMW-SN74LVC1G08 Datasheet
2Mb / 10P
Low input current: typical value 0.1uA
SN74LVC1G08 UMW-SN74LVC1G08_V01 Datasheet
2Mb / 10P
Low input current: 0.1uA typical
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
Low input current: 0.1 uA typical
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com