전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29SL800DB100WCC 데이터시트(PDF) 31 Page - Advanced Micro Devices

부품명 AM29SL800DB100WCC
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WCC 데이터시트(HTML) 31 Page - Advanced Micro Devices

Back Button AM29SL800DB100WCC Datasheet HTML 27Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 28Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 29Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 30Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 31Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 32Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 33Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 34Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
29
AC CHARACTERISTICS
Note: Not 100% tested.
Table 11.
Hardware Reset (RESET#)
Parameter
Description
All Speed Options
JEDEC
Std
Unit
tREADY
RESET# Pin Low (During Embedded Algorithms) to Read or Write
(see Note)
Max
20
µs
tREADY
RESET# Pin Low (NOT During Embedded Algorithms) to Read or
Write (see Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
ns
tRH
RESET# High Time Before Read (see Note)
Min
200
ns
tRPD
RESET# Low to Standby Mode
Min
20
µs
tRB
RY/BY# Recovery Time
Min
0
ns
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB
Figure 14.
RESET# Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com