전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29SL800DB100WCC 데이터시트(PDF) 8 Page - Advanced Micro Devices

부품명 AM29SL800DB100WCC
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WCC 데이터시트(HTML) 8 Page - Advanced Micro Devices

Back Button AM29SL800DB100WCC Datasheet HTML 4Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 5Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 9Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 10Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 11Page - Advanced Micro Devices AM29SL800DB100WCC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
D A TA
SH EE T
6
Am29SL800D
27546A6 January 23, 2007
PIN CONFIGURATION
A0–A18
=
19 addresses
DQ0–DQ14 =
15 data inputs/outputs
DQ15/A-1
=
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
BYTE#
=
Selects 8-bit or 16-bit mode
CE#
=
Chip enable
OE#
=
Output enable
WE#
=
Write enable
RESET#
=
Hardware reset pin, active low
RY/BY#
=
Ready/Busy# output
VCC
=
1.65–2.2 V single power supply
VSS
=
Device ground
NC
=
Pin not connected internally
LOGIC SYMBOL
19
16 or 8
DQ0–DQ15
(A-1)
A0–A18
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46