| 전자부품 데이터시트 검색엔진 |
|
ADA3200AAP3AX 데이터시트(PDF) 34 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AAP3AX 데이터시트(HTML) 34 Page - Advanced Micro Devices |
|
34 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 34 AMD Athlon™ 64 Processor The notes for this table appear on page 48. Parameter/OPN Notes Tcase Max 1 Tcontrol Max 2 Tambient Thermal Resistance (case-amb) Max P-State VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #1 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #2 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #3 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #4 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #5 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #6 11 VID_VDD 3 IDD Max Thermal Design Power 4 Min P-State VID_VDD 3 IDD Max Thermal Design Power 4 Halt/Stop Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 ADA2800AEP4AX 0.31°C/W 70°C 1800 MHz 1.500 V 57.8 A 89.0 W N/A N/A N/A N/A N/A N/A 1000 MHz 1.100 V 18.0 A 22.0 W 30.0 A 7.0 A 2.2 W 750 mW ADA3000AEP4AX 0.31°C/W 2000 MHz 1.500 V 57.8 A 89.0 W 1800 MHz 1.400 V 46.0 A 67.0 W N/A N/A N/A N/A N/A 1000 MHz 1.100 V 18.0 A 22.0 W 30.0 A 7.0 A 2.2 W 750 mW ADA3200AEP4AX 0.31°C/W 2200 MHz 1.500 V 57.8 A 89.0 W 2000 MHz 1.400 V 48.0 A 69.0 W 1800 MHz 1.300 V 37.0 A 50.0 W N/A N/A N/A N/A 1000 MHz 1.100 V 18.0 A 22.0 W 30.0 A 7.0 A 2.2 W 750 mW 70°C 70°C 70°C 70°C 70°C 42°C 42°C 42°C |