| 전자부품 데이터시트 검색엔진 |
|
ADA3200AAP3AX 데이터시트(PDF) 70 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AAP3AX 데이터시트(HTML) 70 Page - Advanced Micro Devices |
|
70 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 70 AMD Sempron™ Processor The notes for this table appear on page 74. Parameter/OPN Notes Tcase Max 1 Tcontrol Max 2 Tambient Thermal Resistance (case-amb) Max P-State VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #1 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #2 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #3 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #4 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #5 11 VID_VDD 3 IDD Max Thermal Design Power 4 Intermediate P-State #6 11 VID_VDD 3 IDD Max Thermal Design Power 4 Min P-State VID_VDD 3 IDD Max Thermal Design Power 4 Halt/Stop Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 SDA3100AIO3BA 0.45°C/W 69°C 70°C 42°C 1800 MHz 1.400 V 40.6 A 59.0 W N/A N/A N/A N/A N/A N/A 1000 MHz 1.100 V 15.2 A 19.0 W 29.2 A 5.8 A 2.2 W 750 mW SDA3300AIO2BA 0.45°C/W 2000 MHz 1.400 V 40.6 A 59.0 W 1800 MHz 1.350 V 34.5 A 48.8 W N/A N/A N/A N/A N/A 1000 MHz 1.100 V 14.4 A 18.0 W 28.7 A 5.6 A 2.2 W 750 mW 69°C 42°C 70°C |