전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29F080A 데이터시트(PDF) 35 Page - SPANSION

부품명 MBM29F080A
상세설명  FLASH MEMORY CMOS 8M (1M x 8) BIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A 데이터시트(HTML) 35 Page - SPANSION

Back Button MBM29F080A Datasheet HTML 31Page - SPANSION MBM29F080A Datasheet HTML 32Page - SPANSION MBM29F080A Datasheet HTML 33Page - SPANSION MBM29F080A Datasheet HTML 34Page - SPANSION MBM29F080A Datasheet HTML 35Page - SPANSION MBM29F080A Datasheet HTML 36Page - SPANSION MBM29F080A Datasheet HTML 37Page - SPANSION MBM29F080A Datasheet HTML 38Page - SPANSION MBM29F080A Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
MBM29F080A-55/-70/-90
34
(2) Embedded Erase™ Algorithm
Start
555h/AAh
2AAh/55h
555h/AAh
555h/80h
555h/10h
2AAh/55h
555h/AAh
2AAh/55h
555h/AAh
555h/80h
2AAh/55h
Additional sector
erase commands
are optional.
Write Erase Command
Sequence
(See Below)
Data Polling or Toggle Bit I
Successfully Completed
Erasure Completed
Chip Erase Command Sequence
(Address/Command):
Individual Sector/Multiple Sector
Erase Command Sequence
(Address/Command):
Sector Address/30h
Sector Address/30h
Sector Address/30h
Note : To insure the command has been accepted, the system software should check the status
of DQ3 prior to and following each subsequent sector erase command. If DQ3 were high on
the second status check, the command may not have been accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44