전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISCD7007 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 ISCD7007
상세설명  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7007 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCD7007 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7007 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCD7007 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCD7007
eq IDW40G65C5B
Silicon Carbide Schottky Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS PER DIODE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 20A; TJ= 25℃
-
1.36
1.6
V
IF= 20A; TJ= 175℃
-
1.7
-
IR
Reverse current
VR= 650V;TJ=25℃
-
6
100
uA
VR= 650V;TJ=175℃
-
15
-
QC
Total Capacitive Charge
VR= 400V
-
62
-
nC
C
Total Capacitance,f=1MHZ
VR= 1V, f= 1MHz
-
905
-
pF
VR= 200V, f= 1MHz
-
121
-
VR= 400V, f= 1MHz
-
117
-
EC
Capacitance Stored Energy
VR= 400V
-
6.6
-
uJ
PACKAGE OUTLINE (UNIT: mm):
TO-247



Html Pages

1 2 3