전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59910 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL59910
상세설명  Triple Differential Receiver/Equalizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59910 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL59910 Datasheet HTML 2Page - Intersil Corporation ISL59910 Datasheet HTML 3Page - Intersil Corporation ISL59910 Datasheet HTML 4Page - Intersil Corporation ISL59910 Datasheet HTML 5Page - Intersil Corporation ISL59910 Datasheet HTML 6Page - Intersil Corporation ISL59910 Datasheet HTML 7Page - Intersil Corporation ISL59910 Datasheet HTML 8Page - Intersil Corporation ISL59910 Datasheet HTML 9Page - Intersil Corporation ISL59910 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN6406.0
December 15, 2006
FIGURE 5. GAIN vs FREQUENCY FOR VARIOUS VCTRL AND
CABLE LENGTHS
FIGURE 6. CHANNEL MISMATCH
FIGURE 7. OFFSET vs VCTRL
FIGURE 8. DC GAIN vs VGAIN
FIGURE 9. HARMONIC DISTORTION vs FREQUENCY
FIGURE 10. OUTPUT NOISE
Typical Performance Curves (Continued)
X2=LOW
VS=±5V
RL=150Ω
VGAIN=1V
SOURCE=-20dBm
VCTRL=1V
CABLE=3FT
VCTRL=0V
CABLE=600FT
VCTRL=0V
CABLE=3FT
X2=LOW
VGAIN=0.5V
VCTRL=0.5V
RLOAD=150Ω
VS=±5V, RL=150Ω
INPUT 50
Ω TO GROUND
X2=LOW
X2=HIGH
X2=LOW
VCTRL=0V
X2=HiGH
VCTRL=0V
VGAIN=1V
VCTRL=0V
RLOAD=150Ω
INPUT=50
Ω TO GND
X2=HIGH
VS=±5V
RL=150Ω
VCTRL=0V
VGAIN=1V
2nd
HAMONIC
3rd
HARMONIC
TOTAL
HARMONIC
X2=HIGH
VS=±5V
RL=150Ω
INPUT=50
Ω TO GROUND
VCTRL=0V
VGAIN=0V
VCTRL=1V
VGAIN=0V
VCTRL=0V
VGAIN=1V
VCTRL=1V
VGAIN=1V
ISL59910, ISL59913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com