전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59910 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL59910
상세설명  Triple Differential Receiver/Equalizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59910 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL59910 Datasheet HTML 1Page - Intersil Corporation ISL59910 Datasheet HTML 2Page - Intersil Corporation ISL59910 Datasheet HTML 3Page - Intersil Corporation ISL59910 Datasheet HTML 4Page - Intersil Corporation ISL59910 Datasheet HTML 5Page - Intersil Corporation ISL59910 Datasheet HTML 6Page - Intersil Corporation ISL59910 Datasheet HTML 7Page - Intersil Corporation ISL59910 Datasheet HTML 8Page - Intersil Corporation ISL59910 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6406.0
ISL59910, ISL59913
Triple Differential Receiver/Equalizer
The ISL59910 and ISL59913 are triple channel differential
receivers and equalizers. They each contain three high speed
differential receivers with five programmable poles. The
outputs of these pole blocks are then summed into an output
buffer. The equalization length is set with the voltage on a
single pin. The ISL59910 and ISL59913 output can also be
put into a high impedance state, enabling multiple devices to
be connected in parallel and used in multiplexing application.
The gain can be adjusted up or down on each channel by 6dB
using its VGAIN control signal. In addition, a further 6dB of gain
can be switched in to provide a matched drive into a cable.
The ISL59910 and ISL59913 have a bandwidth of 150MHz
and consume just 108mA on ±5V supply. A single input
voltage is used to set the compensation levels for the
required length of cable.
The ISL59910 is a special version of the ISL59913 that
decodes syncs encoded onto the common modes of three
pairs of CAT-5 cable by the EL4543. (Refer to the EL4543
datasheet for details.)
The ISL59910 and ISL59913 are available in a 28 Ld QFN
package and are specified for operation over the full -40°C to
+85°C temperature range.
Features
• 150MHz -3dB bandwidth
• CAT-5 compensation
- 100MHz @ 600 ft
- 135MHz @ 300 ft
• 108mA supply current
• Differential input range 3.2V
• Common mode input range -4V to +3.5V
• ±5V supply
• Output to within 1.5V of supplies
• Available in 28 Ld QFN package
• Pb-free plus anneal available (RoHS compliant)
Applications
• Twisted-pair receiving/equalizer
• KVM (Keyboard/Video/Mouse)
• VGA over twisted-pair
• Security video
Pinouts
ISL59910
(28 LD QFN)
TOP VIEW
ISL59913
(28 LD QFN)
TOP VIEW
THERMAL
PAD
22
21
20
19
18
17
16
1
2
3
4
5
6
7
VSMO_B
VOUT_B
VSPO_B
VSPO_G
VOUT_G
VSMO_G
VSMO_R
VSP
VINM_B
VINP_B
VINM_G
VINP_G
VINM_R
VINP_R
8
15 VSM
VOUT_R
THERMAL
PAD
22
21
20
19
18
17
16
1
2
3
4
5
6
7
VSMO_B
VOUT_B
VSPO_B
VSPO_G
VOUT_G
VSMO_G
VSMO_R
VSP
VINM_B
VINP_B
VINM_G
VINP_G
VINM_R
VINP_R
8
15 VSM
VOUT_R
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
December 15, 2006
EXPOSED DIEPLATE SHOULD BE CONNECTED TO -5V


유사한 부품 번호 - ISL59910

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
Triple Differential Receiver/Equalizer
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
887Kb / 13P
Triple Differential Receiver/Equalizer
Rev 1.00 Sep 28, 2018
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910IRZ RENESAS-ISL59910IRZ Datasheet
819Kb / 12P
Triple Differential Receiver/Equalizer
More results

유사한 설명 - ISL59910

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
Differential Receiver/Equalizer
July 15, 2005
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
Triple Differential Receiver/Equalizer
May 17, 2005
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
Triple Differential Receiver/Equalizer
September 19, 2006
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
Differential Receiver/Equalizer
November 30, 2007
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
Triple Differential Receiver/Equalizer
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
Differential Receiver/Equalizer
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com