| 전자부품 데이터시트 검색엔진 |
|
CYPAS213 데이터시트(PDF) 31 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS213 데이터시트(HTML) 31 Page - Infineon Technologies AG |
|
31 / 34 page ![]() Datasheet 31 002-37178 Rev. *B 2023-10-10 EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller Acronyms QR quasi-resonant RAM random-access memory RISC reduced-instruction-set computing RMS root-mean-square RX receive SAR successive approximation register SCL I2C serial clock SDA I2C serial data SPI serial peripheral interface, a communications protocol SR synchronous rectifier SRAM static random access memory SWD serial wire debug, a test protocol TX transmit Type-C a new standard with a slimmer USB connector and a reversible cable, capable of sourcing up to 100 W of power USB Universal Serial Bus WDT watchdog timer XRES external reset I/O pin ZCD zero crossing defect ZVS zero voltage switching Table 11 Acronyms used in this document (continued) Acronym Description |