전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT6306 데이터시트(PDF) 32 Page - VIA Technologies, Inc.

부품명 VT6306
상세설명  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VIA [VIA Technologies, Inc.]
홈페이지  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 데이터시트(HTML) 32 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 28Page - VIA Technologies, Inc. VT6306 Datasheet HTML 29Page - VIA Technologies, Inc. VT6306 Datasheet HTML 30Page - VIA Technologies, Inc. VT6306 Datasheet HTML 31Page - VIA Technologies, Inc. VT6306 Datasheet HTML 32Page - VIA Technologies, Inc. VT6306 Datasheet HTML 33Page - VIA Technologies, Inc. VT6306 Datasheet HTML 34Page - VIA Technologies, Inc. VT6306 Datasheet HTML 35Page - VIA Technologies, Inc. VT6306 Datasheet HTML 36Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-26-
Register Descriptions
Offset 90 (Set), 94 (Clear) – Iso Xmit Interrupt Events RW
31-4 Reserved
........................................ always reads 0
3-0
Isochronous Transmit Context
. default = undefined
An interrupt is generated by an isochronous transmit
context
if
an
“Output
Last
DMA”
command
completes and its “i” bits are set to “interrupt always”.
Software clears the bits in this register by writing one
bits to the “Clear” address. Bits in this register will
only get set to one if the corresponding bits in the
mask register are set to one.
Offset 98 (Set), 9C (Clear) – Iso Xmit Interrupt Mask . RW
31-4 Reserved
........................................ always reads 0
3-0
Iso Transmit Context Mask
....... default = undefined
Setting bits in this register enables interrupts to be
generated by the corresponding isochronous transmit
context
Offset A0 (Set), A4 (Clear) – Iso Rcv Interrupt Events RW
31-4 Reserved
........................................ always reads 0
3-0
Isochronous Receive Context
... default = undefined
An interrupt is generated by an isochronous receive
context if an “Input Last DMA” command completes
and its “i” bits are set to “interrupt always”. Software
clears the bits in this register by writing one bits to
the “Clear” address. Bits in this register will only get
set to one if the corresponding bits in the mask
register are set to one.
Offset A8 (Set), AC (Clear) – Iso Rcv Interrupt Mask.. RW
31-4 Reserved
........................................ always reads 0
3-0
Iso Receive Context Mask
.......... default = undefined
Setting bits in this register enables interrupts to be
generated by the corresponding isochronous receive
context
Offset B3-B0 – Initial Bandwidth Available ................... RW
31-13 Reserved
........................................always reads 0
12-0 Initial Bandwidth Available
.............default = 1333h
Offset B7-B4 – Initial Channels Available High............. RW
31-0 Initial Channels Available
..... default = FFFF FFFFh
Offset BB-B8 – Initial Channels Available Low............. RW
31-0 Initial Channels Available
..... default = FFFF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com