전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT6306 데이터시트(PDF) 56 Page - VIA Technologies, Inc.

부품명 VT6306
상세설명  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VIA [VIA Technologies, Inc.]
홈페이지  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 데이터시트(HTML) 56 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 51Page - VIA Technologies, Inc. VT6306 Datasheet HTML 52Page - VIA Technologies, Inc. VT6306 Datasheet HTML 53Page - VIA Technologies, Inc. VT6306 Datasheet HTML 54Page - VIA Technologies, Inc. VT6306 Datasheet HTML 55Page - VIA Technologies, Inc. VT6306 Datasheet HTML 56Page - VIA Technologies, Inc. VT6306 Datasheet HTML 57Page - VIA Technologies, Inc. VT6306 Datasheet HTML 58Page - VIA Technologies, Inc. VT6306 Datasheet HTML 59Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-50-
Electrical Specifications
Technologies,Inc.
We Connect
We Connect
We Connect
We Connect
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comment
TSTG
Storage temperature
-55
125
oC
TC
Case operating temperature
0
85
oC
VCC
Power supply voltage
-0.5
4.0
Volts
VI
Input voltage
-0.5
5.5
Volts
VO
Output voltage at any output
-0.5
VCC + 0.5
Volts
VCC = 3.1 – 3.6V
VESD
Electrostatic discharge
2
kV
Human Body Model
Note: Stress above the conditions listed may cause permanent damage to the device. Functional operation of this
device should be restricted to the conditions described under operating conditions.
DC Characteristics
TC = 0-55oC, VCC = 3.3V+/-5%, GND = 0V
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input Low Voltage
-0.50
0.8
V
VIH
Input High Voltage
2.0
VCC+0.5
V
VOL
Output Low Voltage
-
0.45
V
IOL=4.0mA
VOH
Output High Voltage
2.4
-
V
IOH=-1.0mA
IIL
Input Leakage Current
-
+/-10
uA
0<VIN<VCC
IOZ
Tristate Leakage Current
-
+/-20
uA
0.45<VOUT<VCC
Power Characteristics
TC = 0-55oC, VCC = 3.3V+/-5%, GND = 0V
Symbol
Parameter
Typ
Max
Unit
Condition
ICC-PD
Power Supply Current – VCC
mA
Power Down or Suspend
ICCRAM-PD
Power Supply Current – VCCRAM
mA
Power Down or Suspend
ICCSUS-PD
Power Supply Current – VCCSUS
mA
Power Down or Suspend
ICC
Power Supply Current – VCC
mA
S400, three ports transmitting
ICCRAM
Power Supply Current – VCCRAM
mA
S400, three ports transmitting
ICCSUS
Power Supply Current – VCCSUS
mA
S400, three ports transmitting
ICCARX
Power Supply Current – VCCARXn
mA
S400, three ports transmitting
ICCATX
Power Supply Current – VCCATXn
mA
S400, three ports transmitting
PD
Power Dissipation
W
S400, three ports transmitting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com