전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSMB 데이터시트(PDF) 22 Page - ITT Industries

부품명 SSMB
상세설명  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMB 데이터시트(HTML) 22 Page - ITT Industries

Back Button SSMB Datasheet HTML 18Page - ITT Industries SSMB Datasheet HTML 19Page - ITT Industries SSMB Datasheet HTML 20Page - ITT Industries SSMB Datasheet HTML 21Page - ITT Industries SSMB Datasheet HTML 22Page - ITT Industries SSMB Datasheet HTML 23Page - ITT Industries SSMB Datasheet HTML 24Page - ITT Industries SSMB Datasheet HTML 25Page - ITT Industries SSMB Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
126
RF Coaxial Connectors
Assembly Instructions
AI-755
MCX Right Angle Connectors, Direct Solder Type for Times T - Flex Cable
1. Dip 9,50 (.374) to 12,70 (.500) of both ends of the cable into a solder pot. Flux may be applied to
the ends of the cable prior to dipping, if desired.
2. Trim cable to dimensions shown being careful not to nick the center conductor or braid. Trim
center conductor (DO NOT OVER TIN).
3. Orientate slot of contact and insulator to be parallel to the cable entry hole as shown.
4. Push cable into body and solder in place.
5. Solder center conductor to center contact (do not over solder).
6. Insert insulation disc (if supplied), into bore then dimple or lightly punch cap into counterbore until
fully home.
7. Install shrink tubing as shown, apply indirect heat to shrink the tubing down.
CAP
INSULATION DISC
BODY ASSEMBLY
AB
2,29 (.090)
3,69 (.145)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39