전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSMB 데이터시트(PDF) 7 Page - ITT Industries

부품명 SSMB
상세설명  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMB 데이터시트(HTML) 7 Page - ITT Industries

Back Button SSMB Datasheet HTML 3Page - ITT Industries SSMB Datasheet HTML 4Page - ITT Industries SSMB Datasheet HTML 5Page - ITT Industries SSMB Datasheet HTML 6Page - ITT Industries SSMB Datasheet HTML 7Page - ITT Industries SSMB Datasheet HTML 8Page - ITT Industries SSMB Datasheet HTML 9Page - ITT Industries SSMB Datasheet HTML 10Page - ITT Industries SSMB Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
111
Assy Insts
BODY ASSEMBLY
CAP
RF Coaxial Connectors
Assembly Instructions
AI-98
SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
1. Trim cable jacket, dielectric and center conductor to dimensions shown, being careful not to fracture
the center conductor. Tin center conductor (DO NOT OVER TIN).
2. Slide cable into body and solder into place.
3. Solder center conductor to contact (do not over solder), then locate the cap in rear of body and dimple
or lightly punch to ensure it is locked in position.
AB
4,75
± 0,13 (.187 ± .005)
2,29
± 0,13 (.097 ± .005)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39