전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF50732 데이터시트(PDF) 49 Page - NXP Semiconductors

부품명 PCF50732
상세설명  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 데이터시트(HTML) 49 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 45Page - NXP Semiconductors PCF50732 Datasheet HTML 46Page - NXP Semiconductors PCF50732 Datasheet HTML 47Page - NXP Semiconductors PCF50732 Datasheet HTML 48Page - NXP Semiconductors PCF50732 Datasheet HTML 49Page - NXP Semiconductors PCF50732 Datasheet HTML 50Page - NXP Semiconductors PCF50732 Datasheet HTML 51Page - NXP Semiconductors PCF50732 Datasheet HTML 52Page - NXP Semiconductors PCF50732 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
1999 May 03
49
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
18.3
Voice band transmit (microphone to ASI)
VDDA = 2.5 to 2.75 V; Tamb = −40 to +85 °C.
Notes
1. Psophometrical weighting: a frequency weighting curve described in
“ITU recommendation O.41”.
2. The unit dBm0p: 0 dBm0p is generally defined as
−3.14 dBFS, where dBFS denotes dB full scale, i.e. a signal with
an amplitude covering the complete range of digital values. The suffix ‘p’ refers to psophometrical weighting.
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX.
UNIT
RESMICADC
resolution of ADC
−
13
−
bit
FSINMICADC
internal sampling
frequency
−
1000
−
kHz
GRANTXPGA
calibration gain range
−24 0
+12
dB
GSTPTXPGA
calibration gain step
size
see Table 25
−
64
−
steps
GTOLVBTX
gain tolerance of coder
at TXPGA = 0 dB
−1.5 −
+1.0
dB
FRESPVBTX
digital filter frequency
response of
implemented standard
VSP software (version:
vb5_all)
f < 100 Hz
−−
−20
dB
100 Hz<f<200 Hz
−−
−10
dB
f = 300 Hz to 3.3 kHz
−1
−
+1
dB
f = 3.3 to 3.4 kHz
−1.5 −
0dB
f
≥ 4 kHz
−−
−20
dB
FREJVBTX
out-of-band rejection
f = 4.6 kHz
40
45
−
dB
f = 6 to 30 kHz
45
50
−
dB
Microphone/auxiliary signal path
VIN(rms)
nominal input level
(RMS value)
TXPGA = 0 dB, MICHI = 1
−−35
−
dBm
TXPGA = 0 dB, MICHI = 0
−−7
−
dBm
NIDLE
idle noise level
(pin ADO)
psophometrically weighted(1); Tamb =25 °C
−−
−75
dBm0p(2)
THD
total harmonic distortion f = 1 kHz; PGA =
−4 dB; ADO = +2 dBm0
−−
1%
SINAD
signal-to-noise and
distortion
ADO = 3 dBm0
30
−−
dB
ADO = 0 dBm0
40
−−
dB
ADO =
−10 dBm0
45
−−
dB
ADO =
−20 dBm0
45
−−
dB
ADO =
−30 dBm0
40
−−
dB
ADO =
−40 dBm0
30
−−
dB
ADO =
−45 dBm0
25
−−
dB
PSCTVBTX
power supply crosstalk
applying a 100 mV (p-p)/217 Hz sine wave
on top of the analog power supply
−−
2
LSB
Audio Serial Interface (ASI)
FASOUT
PCM output bit rate
128
−
2048
kbits/s
FSYNCAFS
PCM frame
synchronization
frequency at pin AFS
−
8
−
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com