전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF50732 데이터시트(PDF) 32 Page - NXP Semiconductors

부품명 PCF50732
상세설명  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 데이터시트(HTML) 32 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 28Page - NXP Semiconductors PCF50732 Datasheet HTML 29Page - NXP Semiconductors PCF50732 Datasheet HTML 30Page - NXP Semiconductors PCF50732 Datasheet HTML 31Page - NXP Semiconductors PCF50732 Datasheet HTML 32Page - NXP Semiconductors PCF50732 Datasheet HTML 33Page - NXP Semiconductors PCF50732 Datasheet HTML 34Page - NXP Semiconductors PCF50732 Datasheet HTML 35Page - NXP Semiconductors PCF50732 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
1999 May 03
32
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
12.3.8
POWER CONTROL REGISTER
The Power control register is used to control power-up and power-down of the different sections of the device. Changing
the power status is accomplished by addressing the device as shown in Table 26 and setting bit 0 (= a) according to the
required state:
a=0
→ power-down
a=1
→ power-up.
Setting the baseband RX or TX flag is functionally equivalent to setting RXON or TXON respectively (logical
OR function). The CSI is also accessible when the band gap is powered down. Therefore no reset is required to power-up
after total power-down.
Table 26 Power control register (address 1100 and subaddresses)
FUNCTION
SUBADDRESS
VALUE
DEFAULT
11
(s3)
10
(s2)
9
(s1)
8
(s0)
7
6
5
4
3
2
1
0
VALUE
STATUS
AUXDAC1
0001
don’t care
a
0
off
AUXDAC2
0010
a
1
on
AUXDAC3
0011
a
0
off
Voice band transmit
0100
a
0
off
Voice band receive
0101
a
0
off
Vref
0110
a
1
on
Baseband receive
1000
a
0
off
Baseband transmit
1001
a
0
off
Complete device
1111
a
1
on
12.3.9
RAM INTERFACE REGISTER
The RAM interface register is a general purpose
communication channel between the serial interface CSI
and the voice band signal processor. None of the
processor registers have default values.
The Voice band control register is used to communicate
with the voice band signal processor. Register functions
with subaddress ‘00’ to ‘11’ can be used to program the
Instruction RAM (IRAM) when the voice band processor is
not running, i.e. when voice band receive and transmit
sections are both powered down.
The IRAM registers are used to write into the voice band
instruction RAM.
Normal operation is to write an address into the VSP
instruction RAM program counter and write low and high
bytes of the 16-bit instructions into their respective
locations. No auto-increment is foreseen, i.e. the address
register must be updated by the user. Writing to the IRAM
is only possible when voice band transmit and receive
sections are both powered off. If this is not the case write
actions are ignored.
Reading back from the IRAM is not straightforward due to
the need for an extra clock pulse when accessing RAMs;
when reading back the contents of RAM locations 1, 2, 3
and 4 actual output is ‘undefined’ as 1, 2, 3, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com