전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8HDD62PBY99R30X 데이터시트(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

부품명 8HDD62PBY99R30X
상세설명  D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED with threaded insert, metal bracket, fixing plate, hexl. screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEC [CONEC Elektronische Bauelemente GmbH]
홈페이지  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

8HDD62PBY99R30X 데이터시트(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  8HDD62PBY99R30X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 8HDD62PBY99R30X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
8HDD62PoY99R30X CONEC ABC
NOTES:
1. FOR WAVESOLDERING(SOLDER BATH TEMPERATURE 240°C FOR 5 SEC.
AND SOLDER PREHEAT 120°C FOR 120 SEC.)
2. METALSHELLS: STAINLESS STEEL
3. INSULATORS: PBT GF UL 94 V-0, BLACK
4. CONTACTS: COPPER ALLOY
PLATING (SEE PART NO):
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
5. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
6. METAL BRACKETS: ZINC DIE CAST; 300µin COPPER/
40-120µin NICKEL/120-200µin TIN
7. PCB-SNAPS. COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: Ø3.1±0.1; PCB THICKNESS 1.6mm
8. HEXLOCKING SCREWS: STAINLESS STEEL
9. FIXING PLATE: PBT GF UL 94 V-0, BLACK
10. FRAME: ZINC DIE CAST; NICKEL PLATED
11. O-RING: SILICON; BLUE
12. RUBBER GASKET; TPE
13. PCB HOLE DRILLINGS
AND RECOMMENDED PANEL CUT-OUT ON SHEET 2
14. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) / max.40Ncm (3.5 in.LB)
15. CONNECTOR IS PART MARKED: 8HDD62PoY99R30X CONEC ABC (see note 4)
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1058
A3
1/2
D-SUB HD MALE 90°
SEE NOTES
Henneboel
12.06.12
12.06.12
Fischer
62pos. SOLDER PIN ANGLED
with threaded insert, metal bracket, fixing plate, hexl. screw
2:1 (5:1)
8HDD62P Y99R30X
a
Original
55,3 - 0
0,25
+
63,5 `0,13
POS. 43
POS. 22
POS. 1
3
M
O-RING
PRESS FOR FIXING ON PCB
FIXING PLATE
3
M
SEE NOTE 15
SEE NOTE 10
8,26 - 0,03
0,22
+
3,3 - 0
0,5
+
6,35 `0,3
SEALING
COMPOUND
( 5 : 1 )
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE SHOULD
BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
METAL BRACKET
78 - 0
0,3
+
4,75
SW
Directive 2002/95/EC RoHS compliant
o
(see note 4)
3,2 `0,2
PCB-SNAP


유사한 부품 번호 - 8HDD62PBY99R30X

제조업체부품명데이터시트상세설명
logo
CONEC Elektronische Bau...
8HDD62SAR99E10X CONEC-8HDD62SAR99E10X Datasheet
366Kb / 2P
D-SUB HD FEMALE 62pos. SOLDER PIN STRAIGHT with threaded spacer clip and hexlocking screw
12.06.12
8HDD62SBR99E10X CONEC-8HDD62SBR99E10X Datasheet
366Kb / 2P
D-SUB HD FEMALE 62pos. SOLDER PIN STRAIGHT with threaded spacer clip and hexlocking screw
12.06.12
8HDD62SCR99E10X CONEC-8HDD62SCR99E10X Datasheet
366Kb / 2P
D-SUB HD FEMALE 62pos. SOLDER PIN STRAIGHT with threaded spacer clip and hexlocking screw
12.06.12
More results

유사한 설명 - 8HDD62PBY99R30X

제조업체부품명데이터시트상세설명
logo
CONEC Elektronische Bau...
163A20559X CONEC-163A20559X Datasheet
797Kb / 2P
D-SUB HD Male 90° 62pos. Solder pin angled 0.350 inch threaded insert,mounting bracket,fixing plate,grounding clip
04.10.2017
164A18249X CONEC-164A18249X Datasheet
528Kb / 2P
D-SUB HD Female 90° 62pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
11.07.17
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
3H15W4SAT99G60X CONEC-3H15W4SAT99G60X Datasheet
248Kb / 2P
D-SUB HD COMB. FEMALE 90° 15W4S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate
19.03.13
3H19W1SAT99G60X CONEC-3H19W1SAT99G60X Datasheet
268Kb / 2P
D-SUB HD COMB. FEMALE 90° 19W1S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate
19.03.13
3H45W2SAT99G60X CONEC-3H45W2SAT99G60X Datasheet
408Kb / 1P
D-SUB HD COMB. FEMALE 90° 45W2S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate
19.03.13
15-000923 CONEC-15-000923 Datasheet
282Kb / 2P
D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
23.10.08
15-000963 CONEC-15-000963 Datasheet
299Kb / 2P
D-SUB HD FEMALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate,hexlocking screw,snap
23.10.08
15-002223 CONEC-15-002223 Datasheet
283Kb / 2P
D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
27.11.09
15-002273 CONEC-15-002273 Datasheet
310Kb / 2P
D-SUB HD FEMALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate,hexlocking screw,snap
27.11.09
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com