전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8HDD62PBY99R30X 데이터시트(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

부품명 8HDD62PBY99R30X
상세설명  D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED with threaded insert, metal bracket, fixing plate, hexl. screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEC [CONEC Elektronische Bauelemente GmbH]
홈페이지  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

8HDD62PBY99R30X 데이터시트(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  8HDD62PBY99R30X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 8HDD62PBY99R30X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1058
A3
2/2
D-SUB HD MALE 90°
see sheet 1
Henneboel
12.06.12
12.06.12
Fischer
62pos. SOLDER PIN ANGLED
with threaded insert,metal bracket,fixing plate,hexl. screw
2:1
SEE SHEET 1
a
Original
1,207 `0,1
2,413 `0,1
49,467 `0,05
24,714 `0,1
7,036 `0,03
3,1 `0,1
n
(2x)
0,9 - 0
0,1
+
n
(62x)
63,5 `0,13
1
FRONTPANEL
P.C.B. EDGE
P.C.B. HOLE DRILLINGS
( P.C.B. TOP SIDE )
59,1 `0,1
B
63,5 `0,1
10°`1°
i 0,26 A
i 0,26 B
A
RECOMMENDED PANEL CUT-OUT



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com