| 전자부품 데이터시트 검색엔진 |
|
AS7225 데이터시트(PDF) 44 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 데이터시트(HTML) 44 Page - OSRAM GmbH |
|
44 / 76 page ![]() Document Feedback AS7225 Register Description Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 43 Figure 54: Raw Value DK Register High Addr: 0x10 RAW_VALUE_4_H Bit Bit Name Default Access Bit Description 15:8 RAW_VALUE_4_H - R Raw Value Dark Channel high byte Figure 55: Raw Value DK Register Low Addr: 0x11 RAW_VALUE_4_L Bit Bit Name Default Access Bit Description 7:0 RAW_VALUE_4_L - R Raw Value Dark Channel low byte Figure 56: Raw Value CL Register High Addr: 0x12 RAW_VALUE_5_H Bit Bit Name Default Access Bit Description 15:8 RAW_VALUE_5_H - R Raw Value Clear Channel high byte Figure 57: Raw Value CL Register Low Addr: 0x13 RAW_VALUE_5_L Bit Bit Name Default Access Bit Description 7:0 RAW_VALUE_5_L - R Raw Value Clear Channel low byte 10.2.16 Calibration Coefficient Registers (Addresses 0x50:0x53, 0x54, 0x55) If the requirements of the factory calibration cannot fulfilled or the factory calibration do not match the application requirements, these registers enable settings of an additional calibration coefficient for a customized calibration to improve the accuracy of the light system. |