| 전자부품 데이터시트 검색엔진 |
|
TCS3707 데이터시트(PDF) 57 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3707 데이터시트(HTML) 57 Page - OSRAM GmbH |
|
57 / 70 page ![]() Page 56 ams Datasheet, Confidential Document Feedback [v1-05] 2019-May-13 TCS3707 − Application Information It is highly recommended to consult the ams application team for circuit diagram and layout review at design-in. Figure 68: TCS3707 Typical Application Circuit Note(s): 1. C1 in the graphic above shall be 4.7 μF, 6.3V, 10% and C2 in the graphic above shall be 1 μF, 6.3V, 20%. All ground vias shall connected to a solid ground plane. Figure 69: TCS3707 Recommended Part Placement Note(s): 1. NC pins do not have an internal electrical connection. For device ESD protection, it is recommended to connect it to ground. Application Information VDD INT SCL SDA TCS3707 VDD VSS INT SCL SDA GPIO RSCL RSDA VIO RINT PGND GPIO RGPIO LDR C2 22 V1.8 C1 R1 |