전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS3707 데이터시트(PDF) 55 Page - OSRAM GmbH

부품명 TCS3707
상세설명  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3707 데이터시트(HTML) 55 Page - OSRAM GmbH

Back Button TCS3707 Datasheet HTML 51Page - OSRAM GmbH TCS3707 Datasheet HTML 52Page - OSRAM GmbH TCS3707 Datasheet HTML 53Page - OSRAM GmbH TCS3707 Datasheet HTML 54Page - OSRAM GmbH TCS3707 Datasheet HTML 55Page - OSRAM GmbH TCS3707 Datasheet HTML 56Page - OSRAM GmbH TCS3707 Datasheet HTML 57Page - OSRAM GmbH TCS3707 Datasheet HTML 58Page - OSRAM GmbH TCS3707 Datasheet HTML 59Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Page 54
ams Datasheet, Confidential
Document Feedback
[v1-05] 2019-May-13
TCS3707 − Register O ver view
Figure 64:
STATUS4
Note(s):
1. Return to the Register Map (0xA5).
Figure 65:
Proximity Average
Note(s):
1. Return to the Register Map (0xD0, 0xD1).
Addr: 0xA5
STATUS4
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3
PINT1_PIHT
0
R
Proximity Interrupt One High. Indicates that
proximity interrupt one occurred because the
proximity data exceeded the high threshold. Write 1
to this bit to clear it.
2
PINT1_PILT
0
R
Proximity Interrupt One Low. Indicates that
proximity interrupt one occurred because the
proximity data is below the low threshold. Write 1 to
this bit to clear it.
1
PINT0_PIHT
0
R
Proximity Interrupt Zero High. Indicates that
proximity interrupt zero occurred because the
proximity data exceeded the high threshold. Write 1
to this bit to clear it.
0
PINT0_PILT
0
R
Proximity Interrupt Zero Low. Indicates that
proximity interrupt zero occurred because the
proximity data is below the low threshold. Write 1 to
this bit to clear it.
Bits
Addr
Field
Description
7:0
0xD0
PXAVG
Proximity Average. Indicates the average of a configurable
number of PDATA. To configure the data window, set PXAVG
ITERATIONS.
15:8
0xD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com