전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMD26727 데이터시트(PDF) 24 Page - OSRAM GmbH

부품명 TMD26727
상세설명  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26727 데이터시트(HTML) 24 Page - OSRAM GmbH

Back Button TMD26727 Datasheet HTML 20Page - OSRAM GmbH TMD26727 Datasheet HTML 21Page - OSRAM GmbH TMD26727 Datasheet HTML 22Page - OSRAM GmbH TMD26727 Datasheet HTML 23Page - OSRAM GmbH TMD26727 Datasheet HTML 24Page - OSRAM GmbH TMD26727 Datasheet HTML 25Page - OSRAM GmbH TMD26727 Datasheet HTML 26Page - OSRAM GmbH TMD26727 Datasheet HTML 27Page - OSRAM GmbH TMD26727 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ams Datasheet
Page 23
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Principles of Operation
Enable Register (0x00)
The Enable Register is used to power the device on/off, enable
functions, and interrupts.
Figure 28:
Enable Register
Proximity Time Control Register (0x02)
The Proximity Timing Register controls the integration time of
the proximity ADC in 2.73ms increments. Upon power up, the
Proximity Time Register is set to 0xFF. It is recommended that
this register be programmed to a value of 0xFF (1 integration
cycle).
Figure 29:
Proximity Time Control Register
7
6
5
4
32
10
Reserved
SAI
PIEN
Reserved
WEN
PEN
Reserved
PON
Field
Bits
Description
Reserved
7
Reserved. Write as 0.
SAI
6
Sleep After Interrupt. 0 = not enabled, 1 = enabled
PIEN
5
Proximity Interrupt Mask. When asserted, permits proximity interrupts to be
generated.
Reserved
4
Reserved. Write as 0.
WEN
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait timer.
Writing a 0 disables the wait timer.
PEN
2
Proximity Enable. This bit activates the proximity function. Writing a 1 enables
proximity. Writing a 0 disables proximity.
Reserved
1
Reserved. Write as 0.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC
channel to operate. Writing a 1 activates the oscillator. Writing a 0 disables the
oscillator.
Field
Bits
Description
PTIME
7:0
Value
INTEG_CYCLES
Time
Max Count
0xFF
1
2.73ms
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44