| 전자부품 데이터시트 검색엔진 |
|
TMD26727 데이터시트(PDF) 3 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD26727 데이터시트(HTML) 3 Page - OSRAM GmbH |
|
3 / 44 page ![]() Page 2 ams Datasheet Document Feedback [v1-00] 2015-Mar-23 TMD2672 − General Description Key Benefits & Features The benefits and features of the TMD2672 digital proximity detector, are listed below: Figure 1: Added Value of Using TMD2672 Note(s) and/or Footnote(s): 1. New or improved feature Applications • Mobile Handset Touchscreen Control and Automatic Speakerphone Enable • Mechanical Switch Replacement •Paper Alignment Benefits Features • Eliminates need for customer end-product calibration. • Reduces the proximity noise • Control of system crosstalk and offset • Prevents false proximity detection in bright light • Selectable IR power-level without external resistor • Enables wide operating range • Digital Proximity Detector, LED Driver, and IR LED in a Single Optical Module • Register Set- and Pin-Compatible with the TMD2671 Series • Proximity Detection - Reduced Proximity Count Variation (1) - Programmable Offset Control Register (1) -Saturation Indicator (1) - Programmable Integration Time and Offset - Current Sink Driver for IR LED - 16,000:1 Dynamic Range • Reduces external processor burden • Maskable Proximity Interrupt - Programmable Upper and Lower Thresholds with Persistence Filter • Enables dynamic power dissipation control • Power Management - Low Power 2.2μA Sleep State with User-Selectable Sleep-After-Interrupt Mode (1) - 90μA Wait State with Programmable Wait Time from 2.7ms to > 8 seconds • Industry standard two-wire interface • I²C Fast Mode Compatible Interface - Data Rates up to 400kbit/s - Input Voltage Levels Compatible with VDD or 1.8V Bus • Small foot-print module • 3.94mm × 2.36mm × 1.35mm Package |