전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMD27721 데이터시트(PDF) 44 Page - OSRAM GmbH

부품명 TMD27721
상세설명  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27721 데이터시트(HTML) 44 Page - OSRAM GmbH

Back Button TMD27721 Datasheet HTML 40Page - OSRAM GmbH TMD27721 Datasheet HTML 41Page - OSRAM GmbH TMD27721 Datasheet HTML 42Page - OSRAM GmbH TMD27721 Datasheet HTML 43Page - OSRAM GmbH TMD27721 Datasheet HTML 44Page - OSRAM GmbH TMD27721 Datasheet HTML 45Page - OSRAM GmbH TMD27721 Datasheet HTML 46Page - OSRAM GmbH TMD27721 Datasheet HTML 47Page - OSRAM GmbH TMD27721 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
ams Datasheet
Page 43
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Register Description
Proximity Offset Register (0x1E)
The 8-bit proximity offset register provides compensation for
proximity offsets caused by device variations, optical crosstalk,
and other environmental factors. Proximity offset is a
sign-magnitude value where the sign bit, bit 7, determines if
the offset is negative (bit 7 = 0) or positive (bit 7 = 1). The
magnitude of the offset compensation depends on the
proximity gain (PGAIN), proximity LED drive strength (PDRIVE),
and the number of proximity pulses (PPULSE). Because a
number of environmental factors contribute to proximity
offset, this register is best suited for use in an adaptive
closed-loop control system. See available ams application
notes for proximity offset register application information.
The default value on power up is factory trimmed to provide a
typical proximity offset of 100. This is achieved with no glass or
reflective object above the sensor, and PPULSE=08, PGAIN=10,
PDRIVE=00. If the value is changed during use but power is
removed it will return to the default value on power up.
Figure 48:
Proximity Offset Register
7
6
543
2
1
0
SIGN
MAGNITUDE
Field
Bits
Description (Reset value = trimmed value)
SIGN
7
Proximity Offset Sign. The offset sign shifts the proximity data
negative when equal to 0 and positive when equal to 1.
MAGNITUDE
6:0
Proximity Offset Magnitude. The offset magnitude shifts the
proximity data positive or negative, depending on the proximity offset
sign. The actual amount of the shift depends on the proximity gain
(PGAIN), proximity LED drive strength (PDRIVE), and the number of
proximity pulses (PPULSE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60