전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMF8701 데이터시트(PDF) 59 Page - OSRAM GmbH

부품명 TMF8701
상세설명  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 데이터시트(HTML) 59 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 55Page - OSRAM GmbH TMF8701 Datasheet HTML 56Page - OSRAM GmbH TMF8701 Datasheet HTML 57Page - OSRAM GmbH TMF8701 Datasheet HTML 58Page - OSRAM GmbH TMF8701 Datasheet HTML 59Page - OSRAM GmbH TMF8701 Datasheet HTML 60Page - OSRAM GmbH TMF8701 Datasheet HTML 61Page - OSRAM GmbH TMF8701 Datasheet HTML 62Page - OSRAM GmbH TMF8701 Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Page 58
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Laser Eye Safet y
The TMF8701 is designed to meet the Class 1 laser safety limits
including single faults in compliance with IEC/EN 60825-1:2014
and IEC/EN 60825-1:2007. This applies to the stand-alone
device and the included software supplied by ams OSRAM. In
an end application system environment, the system may need
to be tested to ensure it remains compliant. The system must
not include any additional lens to concentrate the laser light or
parameters set outside of the recommended operating
conditions. Use outside of the recommended condition or any
physical modification to the module during development could
result in hazardous levels of radiation exposure.
Additionally the device has been measured according to
IEC/EN 60825-1:2007 and it is classified as class 1 according to
this standard as well:
Laser Eye Safety



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66