전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMF8701 데이터시트(PDF) 47 Page - OSRAM GmbH

부품명 TMF8701
상세설명  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 데이터시트(HTML) 47 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 43Page - OSRAM GmbH TMF8701 Datasheet HTML 44Page - OSRAM GmbH TMF8701 Datasheet HTML 45Page - OSRAM GmbH TMF8701 Datasheet HTML 46Page - OSRAM GmbH TMF8701 Datasheet HTML 47Page - OSRAM GmbH TMF8701 Datasheet HTML 48Page - OSRAM GmbH TMF8701 Datasheet HTML 49Page - OSRAM GmbH TMF8701 Datasheet HTML 50Page - OSRAM GmbH TMF8701 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Page 46
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
DOWNLOAD_INIT
This command is used to initialize the download HW for secure
devices.
Figure 110:
DOWNLOAD_INIT Command
W_RAM
This command writes the given data to a defined RAM region.
Note that the RAM pointer has first to be set by the command
ADDR_RAM. After the command is successfully executed the
RAM pointer will point to the first byte after the written region.
Figure 111:
W_RAM Command
Address
Value
Meaning
BL_CMD_STAT
0x14
Initialize the HW for download from host to TMF8701
RAM
BL_SIZE
1
BL_DATA0
0... 0xFF
Seed
BL_CSUM
0... 0xFF
Address
Value
Meaning
BL_CMD_STAT
0x41
Write to main RAM
BL_SIZE
0... 0x80
Number of bytes to be written
BL_DATA0
0... 0xFF
1st byte to be written
BL_DATA1
0... 0xFF
2nd byte to be written
…
BL_DATA127
0... 0xFF
128th byte to be written (only if size was 0x80)
BL_CSUM
0... 0xFF
The CSUM comes immediately after the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66