| 전자부품 데이터시트 검색엔진 |
|
TMG39921 데이터시트(PDF) 34 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG39921 데이터시트(HTML) 34 Page - OSRAM GmbH |
|
34 / 96 page ![]() ams Datasheet Page 33 [v1-06] 2018-Feb-27 Document Feedback TMG3992 − Detailed Description The intensity of the IR emission is selectable using the GLDRIVE control bits. These bits correspond to four factory calibrated current levels. If a higher intensity is required (E.g. longer detection distance or device placement beneath dark glass) then the LEDBOOST bits can be used to increase LDR current 150%, 200%, or 300% of GLDRIVE setting. LED duty cycle and subsequent power consumption of the integrated IR LED can be calculated using the following table shown in Figure 36, and equations. |