전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VRPB-15C 데이터시트(PDF) 3 Page - Bel Fuse Inc.

부품명 VRPB-15C
상세설명  NON-ISOLATED DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-15C 데이터시트(HTML) 3 Page - Bel Fuse Inc.

  VRPB-15C Datasheet HTML 1Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 2Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 3Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 4Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 5Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 6Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 7Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 8Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 Vdc Input
0.9 Vdc - 2.5 Vdc/15 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Output Current
0 A
-
15 A
Current Limit Threshold
18 A
-
35 A
Short Circuit Surge Transient
-
0.2 A
2s
0.4 A
2s
Turn on Time
-
6 mS
10 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
-
-
6800 uF
Output Ripple and Noise (pk-pk)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
20 mV
25 mV
30 mV
25 mV
20 mV
50 mV
50 mV
60 mV
50 mV
50 mV
Output Ripple and Noise (rms)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
5 mV
7 mV
8 mV
6 mV
5 mV
10 mV
10 mV
12 mV
10 mV
10 mV
Test conditions:
0-20 MHz BW; 0.1 uF ceramic
capacitor and 10 uF aluminum
capacitor at the output
Transient Response
50% ~ 100% Max Load
-
110 mV
150 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
110 mV
150 mV
Settling Time
VO=2.5 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
100 mV
130 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
100 mV
130 mV
Settling Time
VO=1.8 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
100 mV
130 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
100 mV
130 mV
Settling Time
VO=1.5 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
90 mV
120 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
90 mV
120 mV
Settling Time
VO=1.2 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
90 mV
120 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
90 mV
120 mV
Settling Time
VO=0.9 V
-
40 uS
80 uS
Test conditions:
di/dt = 0.5 A/uS; Vin = 3.3 V;
and with two 220 uF Tantalum
capacitor at the output
Note
: All specifications are typical at 25 °C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com