전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VRPB-15C 데이터시트(PDF) 5 Page - Bel Fuse Inc.

부품명 VRPB-15C
상세설명  NON-ISOLATED DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-15C 데이터시트(HTML) 5 Page - Bel Fuse Inc.

  VRPB-15C Datasheet HTML 1Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 2Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 3Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 4Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 5Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 6Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 7Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 8Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 Vdc Input
0.9 Vdc - 2.5 Vdc/15 A Output
Efficiency Data
Model 2.5V
87.0%
89.0%
91.0%
93.0%
95.0%
97.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0
Output Current
3.0V
3.3V
3.6V
Model 1.8V
81.0%
83.0%
85.0%
87.0%
89.0%
91.0%
93.0%
95.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
Output Current
3.0V
3.3V
3.6V
Model 1.5V
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0
Output Current
3.0V
3.3V
3.6V
Model 1.2V
70.0%
72.0%
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0
Output Current
3.0V
3.3V
3.6V
t
Model 0.9V
60.0%
62.0%
64.0%
66.0%
68.0%
70.0%
72.0%
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0
Output Current
3.0V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com