전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT600 데이터시트(PDF) 60 Page - NXP Semiconductors

부품명 RT600
상세설명  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 데이터시트(HTML) 60 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 56Page - NXP Semiconductors RT600 Datasheet HTML 57Page - NXP Semiconductors RT600 Datasheet HTML 58Page - NXP Semiconductors RT600 Datasheet HTML 59Page - NXP Semiconductors RT600 Datasheet HTML 60Page - NXP Semiconductors RT600 Datasheet HTML 61Page - NXP Semiconductors RT600 Datasheet HTML 62Page - NXP Semiconductors RT600 Datasheet HTML 63Page - NXP Semiconductors RT600 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
60 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.12.7 Shared RAM detail
Table 11 reflects both the Cortex-M33 and DSP views of the RAM partitions and address.
The AHB matrix port is only relevant to the Cortex-M33 because the DSP accesses these
RAMs via a separate bus.
The partitions shown in Table 11 are mirrored in all four shared RAM address regions for
the Cortex-M33. The purpose of those regions is outlined in Section 10.12.3, while
Table 12 gives the base addresses for the four regions.
A variety of shared RAM partition sizes are provided to allow more flexibility in assigning
the uses of those spaces. For each application, shard RAM usage should be planned to
minimize collision of accesses by the two buses of the Cortex-M33, as well as other bus
masters, including DMA controllers and the HiFi 4.
A best case would be if each shared RAM partition is accessed by only one master at any
particular time, “ownership” being passed to another master (for instance) when a buffer is
filled from a peripheral, a block of data is processed by an algorithm, etc.
To summarize, access collisions can occur under the following conditions.
• On the AHB matrix: when two AHB masters access a resource on the same slave port
at the same time. AHB masters include the HiFi 4 when it is using the AHB matrix, not
when it is accessing shared RAM.
• HiFi 4 accessing shared RAM: when the HiFi 4 and an AHB master access the same
shared RAM partition at the same time. Note that in this case, the access collision
happens at the partition, not at the slave port. Since there are multiple partitions for
each slave port, this allows even more opportunity to avoid collisions.
Table 11. Shared RAM memory map: offsets for all types of shared memory accesses
AHB port Partition Start offset End offset Size
2
0
0x00 0000 0x00 7FFF 32 KB
1
0x00 8000 0x00 FFFF 32 KB
3
2
0x01 0000 0x01 7FFF 32 KB
3
0x01 8000 0x01 FFFF 32 KB
4
4
0x02 0000 0x02 7FFF 32 KB
5
0x02 8000 0x02 FFFF 32 KB
6
0x03 0000 0x03 7FFF 32 KB
7
0x03 8000 0x03 FFFF 32 KB
5
8
0x04 0000 0x04 FFFF 64 KB
9
0x05 0000 0x05 FFFF 64 KB
10
0x06 0000 0x06 FFFF 64 KB
11
0x07 0000 0x07 FFFF 64 KB
6
12
0x08 0000 0x09 FFFF 128 KB
13
0x0A 0000 0x0B FFFF 128 KB
14
0x0C 0000 0x0D FFFF 128 KB
15
0x0E 0000 0x0F FFFF 128 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com