전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT600 데이터시트(PDF) 72 Page - NXP Semiconductors

부품명 RT600
상세설명  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 데이터시트(HTML) 72 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors RT600 Datasheet HTML 72Page - NXP Semiconductors RT600 Datasheet HTML 73Page - NXP Semiconductors RT600 Datasheet HTML 74Page - NXP Semiconductors RT600 Datasheet HTML 75Page - NXP Semiconductors RT600 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
72 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
ALARM1HZ flag in RTC control register generates an RTC wake-up interrupt request,
which can wake up the part. During deep power-down mode, the contents of the SRAM
and registers are not retained. All functional pins are tri-stated in deep power-down mode.
In deep power-down mode, all rails can remained powered and supply to the VDDCORE
supply can be powered down. In full deep power-down mode, all rails can be powered off
and the VDD_AO18 supply can remain powered.
10.14.4 Peripheral configuration in reduced power modes
Table 16 shows the peripheral configuration in reduced power modes.
[1] The comparator may be on in deep-sleep mode, but cannot generate a wake-up interrupt.
[2] Applies to both deep power-down and full deep power-down modes.
Table 16. Peripheral configuration in reduced power modes
Peripheral/Clock
Reduced power mode
Sleep
Deep-sleep
Deep power-down[2]
1m_lposc
Software configured Software configured
Off
16m_irc
Software configured Software configured
Off
48/60m_irc
Software configured Software configured
Off
Crystal oscillator
Software configured Software configured
Off
RTC and RTC oscillator
Software configured Software configured
Software configured
System PLL
Software configured Software configured
Off
Audio PLL
Software configured Software configured
Off
SRAM memory arrays
Software configured Software configured
Off
SRAM periphery
Software configured Software configured
Off
Boot ROM
On
Off‘
Off
Other digital peripherals
Software configured Software configured
Off
A to D converter
Software configured Software configured
Off
Analog Comparator
Software configured Software configured [1]
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com