| 전자부품 데이터시트 검색엔진 |
|
AS621X 데이터시트(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS621X 데이터시트(HTML) 8 Page - OSRAM GmbH |
|
8 / 37 page ![]() Document Feedback AS621x Pin Assignment Datasheet • PUBLIC DS000677 • v4-00 • 2022-May-17 36 │ 7 Pin Number Pin Name Pin Type(1) Description A3 SCL DI_S Serial Interface Clock B1 VDD S Positive Supply Voltage B2 ADD0 DI_S Address select 0 B3 SDA DIO_SOD Serial Interface Data (1) Explanation of abbreviations: S Supply DI_S Digital Schmitt Trigger Input DIO_SOD Digital Schmitt Trigger Input / Open Drain Output In Figure 5 the pins of AS621x are described. External pull up resistors (to VDD) are necessary for the pins “SDA” and “SCL”. The pin “ADD0” must not be left unconnected (refer to section 6.3.3 for further details). The pin “ALERT/ADD1” is used to set the I²C address and has the additional functionality of triggering an interrupt. In case this ALERT functionality is used, a pull up resistor (to VDD) is necessary. If this functionality is not used it must be connected to VSS or SCL, depending on the selected I²C address (refer to section 6.3.3 for further details). It must not be left unconnected. |