전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSG14K 데이터시트(PDF) 81 Page - OSRAM GmbH

부품명 CSG14K
상세설명  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K 데이터시트(HTML) 81 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 77Page - OSRAM GmbH CSG14K Datasheet HTML 78Page - OSRAM GmbH CSG14K Datasheet HTML 79Page - OSRAM GmbH CSG14K Datasheet HTML 80Page - OSRAM GmbH CSG14K Datasheet HTML 81Page - OSRAM GmbH CSG14K Datasheet HTML 82Page - OSRAM GmbH CSG14K Datasheet HTML 83Page - OSRAM GmbH CSG14K Datasheet HTML 84Page - OSRAM GmbH CSG14K Datasheet HTML 85Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 80
Figure 96:
Vertical ROI Example (monochrome)
Attention
Because the readout is dual-sided (top/bottom), the sensor top sequencer must be programmed to
only access rows in the upper half of the array (1860 to 3719) and the bottom sequencer to only
access rows in the lower half of the array (0 to 1859).
Small Window Mode
When reading out small windows, the unused rows are disabled to decrease the global
sampling time and finally increase the frame rate. For more details, refer to section 7.4.1.
Electrical Black Windows
With the YWIN_BLACK register, windows can be made 'electrical black' (setting a fixed
voltage at the read out path instead of the pixel voltage). If the respective bit of the
YWIN_BLACK register is set high (same mapping as YWIN_ENA), then all signal information
in the window is suppressed. This results in a black window containing only readout FPN
information. This feature could be used for column FPN correction.
Window Overlap
Several vertical windows may overlap, although this is only useful in subsampling mode. If the
same row is read multiple times within one frame, it will only contain valid data the first time
(destructive read out).
FVAL
3
100
0
YWIN0
2
0
1
YWIN1
0 0 0 0 0 0 1 0 1 1
YWIN_ENA
5
200
0
YWIN2
4
50
3
YWIN3
DVAL
100
YADDR
101
102
0
2
50
58
66
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More